PART |
Description |
Maker |
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
1N4933RL 1N4934RL 1N4936RL |
1A 50V Fast-Recovery Rectifier 1A 100V Fast-Recovery Rectifier 1A 400V Fast-Recovery Rectifier
|
ON Semiconductor
|
CR5F-010 CR5F-100 CR5F-020 CR5F-040 CR5F-060 CR5F- |
Leaded Rectifier Fast Recovery GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER 5.0 AMP, 100 THRU 1000 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
MR752FR MR756FR MR758FR MR750FR MR7510FR MR751FR M |
6.0A, 1000V ultra fast recovery rectifier (MR750FR - MR7510FR) 6 Amp Fast Recovery Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components] Micro Commercial Compon...
|
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|
RS3A RS3XB-13-F RS3X-13-F RS3D-13-F RS3MB-13-F RS3 |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 1.3V-vf 150ns 5uA-ir SMC 3K/REEL-13 3 A, 200 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 3 A, 1000 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 800V 100A-ifsm 1.3V-vf 500ns 5uA-ir SMC 3K/REEL-13 3 A, 800 V, SILICON, RECTIFIER DIODE 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
FFPF10U30DN FFPF10U30 FFPF10U30DNTU |
ULTRA FAST RECOVERY POWER RECTIFIER 特快速整流电 10A/300V Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
PDU620CT-13 PDU620CT PDU620CT1 PDU620CT-15 |
Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers 6A DUAL ULTRA-FAST RECOVERY RECTIFIER 6A DUAL ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
|
Diodes Incorporated
|